Part Number Hot Search : 
106B2 10A40 AOZ1012 10A40 YBBND C2064 120N5 DV19FF2
Product Description
Full Text Search

XC6204A06BMR - AML21 Series, Electronic Control Pushbutton, Square, Standard Bezel, Lighted, 1 Incandescent Lamp, SPDT, Momentary Action, Snap in panel mount 1.25 GBd SMF Small Form Factor (SFF) PTH 2x5 Transceiver for GbE and iSCSI Applications Surface Mount LED Indicator 5mm Mini Oval Precision Optical Performance Red LED Lamps ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles 125 MBd MMF Transceiver for Fast Ethernet (100Base-FX)/ATM/FDDI, 1x9, Ext Temp (-40C to 100C), RoHS Serial TTL embedded modem modules Conexant SocketModem pin-compatible V92, 56k data, fax and voice supports Global telecom and safety compliant Extended temperature operating Speakerphone and Mic supports PRCISION WIREWOUND RES AXIAL LEADS, 1 OHM, 0.05 %, 5 PPM 155 MBd SMF Transceiver with DMI for ATM/SONET OC-3, SFP, Std de-latch, Ind Temp (-40 to 85C), RoHS Compliant INDUCTOR, CM CHOKE, 4700UH, SMT T-1 3/4 (5 mm) Right Angle Mount Housing 5mm mini Oval LED Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:31; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle T-13/4 (5mm) Diffused LED Lamp Circular Connector; Body Material:Aluminum; Series:PT02; No. of Contacts:41; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:22-41 Precision Optical Performance <BR>AlInGaP II LED Lamps (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压 TRANSF, 1000BASET, 24-PIN SMD (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压 (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压 1250 Mbit/s MMF (550 m) 3.3V 1x9 SC-Duplex Transceiver for Gigabit Ethernet with flush shield (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压 1.25 GBd SMF Transceiver with DMI for Gigabit Ethernet, SFP, Ind Temp (-40C to 85C), RoHS Compliant (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压 Miniature Bi-Color Surface Mount ChipLED (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压 Bi-color Surface Mount ChipLEDs (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压 Modem module with RJ-11 phone jack Shielded V92, 56k bps data, fax and voice Ext. temperature operating (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压 Precision Optical Performance AlInGaP II LED Lamps (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压 ER 7C 7#12 SKT RECP BOX (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压 Surface Mount ChipLEDs HSMY-C190 (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压 ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压 Two Channel Reflective Codewheels (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压 ECONOLINE: RSZ/P - 1kVDC    (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators

XC6204A06BMR_4614375.PDF Datasheet

 
Part No. XC6204A06BMR XC6204A44AMR XC6204A62ADL XC6204D401DR XC6204D651ML XC6204D632DL XC6204D632DR XC6204A192DL XC6204B192DL XC6204A692DL XC6204A692DR XC6204A692ML XC6204D202DR XC6204D202DL XC6204D17ADL XC6204D17ADR XC6204C30BDL XC6204B692DR XC6204A10ADL XC6204A411DL XC6204A411DR XC6204A411ML XC6204A24BMR XC6204A14BMR XC6204C351ML XC6204C351MR XC6204A411MR XC6204A24BML XC6204D43ADR XC6204A222DR XC6204D02ADL
Description AML21 Series, Electronic Control Pushbutton, Square, Standard Bezel, Lighted, 1 Incandescent Lamp, SPDT, Momentary Action, Snap in panel mount
1.25 GBd SMF Small Form Factor (SFF) PTH 2x5 Transceiver for GbE and iSCSI Applications
Surface Mount LED Indicator
5mm Mini Oval Precision Optical Performance Red LED Lamps
ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles
125 MBd MMF Transceiver for Fast Ethernet (100Base-FX)/ATM/FDDI, 1x9, Ext Temp (-40C to 100C), RoHS
Serial TTL embedded modem modules Conexant SocketModem pin-compatible V92, 56k data, fax and voice supports Global telecom and safety compliant Extended temperature operating Speakerphone and Mic supports
PRCISION WIREWOUND RES AXIAL LEADS, 1 OHM, 0.05 %, 5 PPM
155 MBd SMF Transceiver with DMI for ATM/SONET OC-3, SFP, Std de-latch, Ind Temp (-40 to 85C), RoHS Compliant
INDUCTOR, CM CHOKE, 4700UH, SMT
T-1 3/4 (5 mm) Right Angle Mount Housing
5mm mini Oval LED
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:31; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle
T-13/4 (5mm) Diffused LED Lamp
Circular Connector; Body Material:Aluminum; Series:PT02; No. of Contacts:41; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:22-41
Precision Optical Performance <BR>AlInGaP II LED Lamps (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压
TRANSF, 1000BASET, 24-PIN SMD (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压
(Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压
1250 Mbit/s MMF (550 m) 3.3V 1x9 SC-Duplex Transceiver for Gigabit Ethernet with flush shield (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压
1.25 GBd SMF Transceiver with DMI for Gigabit Ethernet, SFP, Ind Temp (-40C to 85C), RoHS Compliant (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压
Miniature Bi-Color Surface Mount ChipLED (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压
Bi-color Surface Mount ChipLEDs (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压
Modem module with RJ-11 phone jack Shielded V92, 56k bps data, fax and voice Ext. temperature operating (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压
Precision Optical Performance AlInGaP II LED Lamps (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压
ER 7C 7#12 SKT RECP BOX (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压
Surface Mount ChipLEDs HSMY-C190 (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压
ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压
Two Channel Reflective Codewheels (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压
ECONOLINE: RSZ/P - 1kVDC
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators

File Size 1,131.66K  /  28 Page  

Maker


http://
TOREX SEMICONDUCTOR LTD.
Torex Semiconductor, Ltd.
Black Box, Corp.
Ricoh Co., Ltd.



Homepage http://www.torex.co.jp/
Download [ ]
[ XC6204A06BMR XC6204A44AMR XC6204A62ADL XC6204D401DR XC6204D651ML XC6204D632DL XC6204D632DR XC6204A19 Datasheet PDF Downlaod from Datasheet.HK ]
[XC6204A06BMR XC6204A44AMR XC6204A62ADL XC6204D401DR XC6204D651ML XC6204D632DL XC6204D632DR XC6204A19 Datasheet PDF Downlaod from Maxim4U.com ] :-)


[ View it Online ]   [ Search more for XC6204A06BMR ]

[ Price & Availability of XC6204A06BMR by FindChips.com ]

 Full text search : AML21 Series, Electronic Control Pushbutton, Square, Standard Bezel, Lighted, 1 Incandescent Lamp, SPDT, Momentary Action, Snap in panel mount 1.25 GBd SMF Small Form Factor (SFF) PTH 2x5 Transceiver for GbE and iSCSI Applications Surface Mount LED Indicator 5mm Mini Oval Precision Optical Performance Red LED Lamps ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles 125 MBd MMF Transceiver for Fast Ethernet (100Base-FX)/ATM/FDDI, 1x9, Ext Temp (-40C to 100C), RoHS Serial TTL embedded modem modules Conexant SocketModem pin-compatible V92, 56k data, fax and voice supports Global telecom and safety compliant Extended temperature operating Speakerphone and Mic supports PRCISION WIREWOUND RES AXIAL LEADS, 1 OHM, 0.05 %, 5 PPM 155 MBd SMF Transceiver with DMI for ATM/SONET OC-3, SFP, Std de-latch, Ind Temp (-40 to 85C), RoHS Compliant INDUCTOR, CM CHOKE, 4700UH, SMT T-1 3/4 (5 mm) Right Angle Mount Housing 5mm mini Oval LED Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:31; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle T-13/4 (5mm) Diffused LED Lamp Circular Connector; Body Material:Aluminum; Series:PT02; No. of Contacts:41; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:22-41 Precision Optical Performance <BR>AlInGaP II LED Lamps (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压 TRANSF, 1000BASET, 24-PIN SMD (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压 (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压 1250 Mbit/s MMF (550 m) 3.3V 1x9 SC-Duplex Transceiver for Gigabit Ethernet with flush shield (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压 1.25 GBd SMF Transceiver with DMI for Gigabit Ethernet, SFP, Ind Temp (-40C to 85C), RoHS Compliant (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压 Miniature Bi-Color Surface Mount ChipLED (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压 Bi-color Surface Mount ChipLEDs (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压 Modem module with RJ-11 phone jack Shielded V92, 56k bps data, fax and voice Ext. temperature operating (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压 Precision Optical Performance AlInGaP II LED Lamps (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压 ER 7C 7#12 SKT RECP BOX (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压 Surface Mount ChipLEDs HSMY-C190 (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压 ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压 Two Channel Reflective Codewheels (可使用低ESR电容兼容。的ON - OFF开关)高速LDO稳压 ECONOLINE: RSZ/P - 1kVDC    (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators


 Related Part Number
PART Description Maker
VS-70TPS12PBF SCR PH CONTR 1200V 70A SUPER-247
Vishay Semiconductors
EDS11-107E FC SERIES ELECTRONIC INDICATOR
Fuji Electric
EDS10-17E FC SERIES ELECTRONIC INTEGRATOR
Fuji Electric
CH90-24-W CH90-24MCC-FW Wheelock CH Series Electronic Chimes & Chime Strobes
Gamewell-FCI by Honeywell
PD3122F OPTO-ELECTRONIC DEVICES DIVISION ELECTRONIC COMPONENTS GROUP SHARP CIRPORATION
Sharp Corporation
Sharp Electrionic Components
REJ03F0034_M61522FP REJ03F0034M61522FP M61522FP ASSP>Electronic Volumes>Audio Signal Processors
8ch ELECTRONIC VOLUME WITH 8 INPUT SELECTOR
ETC[ETC]
List of Unclassifed Manufacturers
Renesas Electronics Corporation
LM7005 Electronic AV Tuner-Use Electronic Tuning PLL Frequency Synthesizer
SANYO[Sanyo Semicon Device]
LNG316GFG LN216RPH LNG816RFDLN816RPH LN216RPHLNG21 Square Type 3.0 mm × 7.0 mm Series
From old datasheet system
Opto-Electronic Device - Visible Light Emitting Diodes - Point-Lighting LEDs
Matsshita / Panasonic
LN01301CQ LNG301C2GT LN01401CQ LN01201CQ LNG401C2X Opto-Electronic Device - Visible Light Emitting Diodes - Point-Lighting LEDs
Small Type Minibright LED Series
Matsshita / Panasonic
LNM826KA01 LNM426KA01 LN5260ALNM826AA01 LN5260ALN5 Numeric Display 2 Digit 14.4 mm (.6”) Series
Opto-Electronic Device - Visible Light Emitting Diodes - Numerical Display Devices
Matsshita / Panasonic
LNM828KA01 LNM428KA01 LN528YA LNM828AA01LN528OA Numeric Display 2 Digit 20.0 mm (.8”) Series
Opto-Electronic Device - Visible Light Emitting Diodes - Numerical Display Devices
Matsshita / Panasonic
 
 Related keyword From Full Text Search System
XC6204A06BMR XC6204A06BMR IC在线 XC6204A06BMR Output XC6204A06BMR Server XC6204A06BMR 21 ic on line
XC6204A06BMR Switching XC6204A06BMR suply voltase IC XC6204A06BMR technology XC6204A06BMR Differential XC6204A06BMR 中文网站
 

 

Price & Availability of XC6204A06BMR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.35758399963379